PART |
Description |
Maker |
IDT72V3642L10PF IDT72V3642L10PQF IDT72V3632 IDT72V |
TV 100C 100#22D SKT PLUG 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 3.3伏的CMOS SyncBiFIFO 256 × 36 × 2 512 × 36 × 2 1024 × 36 × 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP120 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2 256 X 36 BI-DIRECTIONAL FIFO, 10 ns, PQFP132
|
Integrated Device Technology, Inc.
|
IDT72211L12J IDT72201L20L |
CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 512 X 9 OTHER FIFO, PQCC32 CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9 256 X 9 OTHER FIFO, CQCC32
|
Integrated Device Technology, Inc.
|
UPD2101AL-4 |
1024 BIT (256 X 4) STATIC MOS RAM WITH SEPARATE I/O
|
NEC Corp.
|
IDT72V3622 IDT72V3622L10PF IDT72V3622L10PQF IDT72V |
3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1024 x 36 x 2 3.3 VOLT CMOS SyncBiFIFO 256 x 36 x 2 512 x 36 x 2 1,024 x 36 x 2
|
IDT[Integrated Device Technology]
|
AM29F200A-1 AM29F200AB-120DGC AM29F200AB-120DGC1 A |
2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash MemoryDie Revision 1 PCB COPPER CLAD 6X9 1/32 2-SIDE DIN Audio Connector; Number of Contacts:5; Contact Termination:Solder; Mounting Type:Panel; Gender:Receptacle; Contact Plating:Silver; Series:C091A 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 256K X 8 FLASH 5V PROM, 90 ns, UUC42 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位256亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 M39012 MIL RF CONNECTOR 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修 2 Megabit (256 K x 8-Bit/128 K x 16-Bit) CMOS 5.0 Volt-only, Sectored Flash Memory-Die Revision 1 2兆位56亩x 8-Bit/128亩x 16位).0伏的CMOS只,扇区闪存模修
|
AMD[Advanced Micro Devices] Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
AM29LV002 AM29LV002B-90RECB AM29LV002B-120FCB AM29 |
2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only/ Boot Sector Flash Memory Half Bridge Driver, LO Out of Phase with RT, Programmable Oscillating Frequency, 1.2us Deadtime in a 8-pin DIP package 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位56亩8位).0伏的CMOS只,引导扇区闪存 Connector 连接 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 100 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 MB 18C 18#20 PIN RECP 256K X 8 FLASH 3V PROM, 120 ns, PDSO40 2 Megabit (256 K x 8-Bit) CMOS 3.0 Volt-only, Boot Sector Flash Memory 2兆位256亩8位).0伏的CMOS只,引导扇区闪存 256K X 8 FLASH 3V PROM, 90 ns, PDSO40
|
AMD Advanced Micro Devices, Inc. SPANSION LLC ADVANCED MICRO DEVICES INC
|
24C44 CAT24C44 CAT24C44SITE13 CAT24C44PITE13 CAT24 |
256-Bit Serial Nonvolatile CMOS Static RAM 256-BitSerialNonvolatileCMOSStaticRAM
|
CATALYST[Catalyst Semiconductor] CatalystSemiconductor
|
TMP90PM38 |
A System Evaluation LSI With 8-Bit CPU,One-Time PROM(32968 x 8-Bit),RAM(1024 x 8-Bit)(系统评估大规模集成电路(集成8位CPU,一次可编程ROM(32968 x 8,RAM(1024 x 8)
|
Toshiba Corporation
|